PART |
Description |
Maker |
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
LC895196K |
ATA-PI Compatible CD-ROM Decoder IC CMOS LSI
|
SANYO[Sanyo Semicon Device]
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AM29F400BB-120DGC AM29F400BB-120DGC1 AM29F400BB-12 |
4 megabit CMOS 5.0 volt-only boot sector flash memory- die revision 1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 1 LED Lamp; Bulb Size:T-1; LED Color:Blue; Luminous Intensity:250ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-40 C to 85 C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1; LED Color:White; Luminous Intensity:750ucd; Viewing Angle:35 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to C; Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Blue; Luminous Intensity:150mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-20 C to 80 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Red; Luminous Intensity:40ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Blue; Luminous Intensity:29mcd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Orange; Luminous Intensity:750mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-30 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Blue; Luminous Intensity:900ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:White; Luminous Intensity:1700ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes Displays; Color:Yellow/Green; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Lens Color:White; Luminous Intensity (MSCP):6/14ucd RoHS Compliant: Yes LED Lamp; Bulb Size:5mm; LED Color:Red/Green; Luminous Intensity:2.7ucd; Viewing Angle:120 ; Forward Current:10mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Red/Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; LED Color:Green; Luminous Intensity:15ucd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes Am29F400B KGD (Known Good Die) Supplement 4兆位12x 8-Bit/256x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 120 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 90 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 512K X 8 FLASH 5V PROM, 70 ns, UUC43 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM27C1024 AM27C1024-120DC5 AM27C1024-120DC5B AM27C |
Quad 2-input exclusive-NOR gates with open collector outputs 14-SOIC 0 to 70 Quad 2-input exclusive-NOR gates with open collector outputs 14-PDIP 0 to 70 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 64K X 16 UVPROM, 55 ns, CDIP40 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SO 0 to 70 1兆位5亩16位)的CMOS存储 1 Megabit (65 K x 16-Bit) CMOS EPROM 1兆位65亩16位)的CMOS存储 64K X 16 UVPROM, 70 ns, CDIP40 1 megabit CMOS EPROM
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC SPANSION LLC
|
HT23C040 23C040 |
CMOS 512Kx8-Bit Mask ROM From old datasheet system CMOS 512K8-Bit Mask ROM
|
HOLTEK[Holtek Semiconductor Inc]
|
LC895127 LC895127K |
40× CD-ROM Decoder with SCSI Interface(带SCSI接口0倍CD-ROM译码 40 ×CD - ROM SCSI接口(带的SCSI接口0倍速的CD - ROM译码器解码器 40 x CD-ROM Decoder with SCSI Interface CMOS IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
HA-A1377-FREQ SA-A137C HA-1370 HA-1371 HA-1377 HA- |
3.3 V, /-50 ppm, CMOS compatible enable/disable crystal clock oscillator 3.3 V,customer specific, CMOS compatible enable/disable crystal clock oscillator 3.3 V, /-20 ppm, CMOS compatible enable/disable crystal clock oscillator 3.3 V, /-25 ppm, CMOS compatible enable/disable crystal clock oscillator 5 V, /-100 ppm, CMOS compatible enable/disable crystal clock oscillator CMOS Compatible Enable/Disable CMOS兼容启用/禁用 (HA-137x/138x) CMOS Compatible Enable/Disable 5 V, /-20 ppm, CMOS compatible enable/disable crystal clock oscillator 3.3 V, /-100 ppm, CMOS compatible enable/disable crystal clock oscillator
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers NEL Frequency Controls
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
LC89515K LC89515 |
CD-ROM/CD-I Error Correction/ Host Interface LSI CD-ROM/CD-I纠错/主机接口LSI CMOS LSI
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
|